Part Number Hot Search : 
AMS2908 75M50 7C516 TIP120G TIP120G A12181 KT961 MAX5097
Product Description
Full Text Search
 

To Download PESD5Z50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PESD5Zx series
Low capacitance unidirectional ESD protection diodes
Rev. 02 -- 4 April 2008 Product data sheet
1. Product profile
1.1 General description
Low capacitance unidirectional ElectroStatic Discharge (ESD) protection diodes in a SOD523 (SC-79) ultra small and flat lead Surface-Mounted Device (SMD) plastic package designed to protect one signal line from the damage caused by ESD and other transients.
Table 1. Product overview Package NXP PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 SOD523 JEITA SC-79 single Configuration
Type number
1.2 Features
I I I I ESD protection of one line Low diode capacitance Max. peak pulse power: PPP = 260 W Low clamping voltage: VCL = 15 V I I I I Low leakage current: IRM < 1 nA ESD protection up to 30 kV IEC 61000-4-2; level 4 (ESD) IEC 61000-4-5 (surge); IPP = 20 A
1.3 Applications
I Computers and peripherals I Audio and video equipment I Cellular handsets and accessories I 10/100/1000 Mbit/s Ethernet I Communication systems I Portable electronics I Subscriber Identity Module (SIM) card protection I FireWire I High-speed data lines
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
1.4 Quick reference data
Table 2. Quick reference data Tamb = 25 C unless otherwise specified. Symbol Per diode VRWM reverse standoff voltage PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 Cd diode capacitance PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 f = 1 MHz; VR = 0 V 229 172 89 78 69 35 300 200 150 150 150 75 pF pF pF pF pF pF 2.5 3.3 5.0 6.0 7.0 12.0 V V V V V V Parameter Conditions Min Typ Max Unit
2. Pinning information
Table 3. Pin 1 2 Pinning Description cathode anode
[1]
Simplified outline
Symbol
1
2
1
2
006aaa152
[1]
The marking bar indicates the cathode.
3. Ordering information
Table 4. Ordering information Package Name PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 SC-79 Description plastic surface-mounted package; 2 leads Version SOD523 Type number
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
2 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
4. Marking
Table 5. Marking codes Marking code N7 N8 N9 NA NB NC Type number PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12
5. Limiting values
Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Per diode PPP peak pulse power PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 IPP peak pulse current PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 Per device Tj Tamb Tstg
[1] [2]
Parameter
Conditions tp = 8/20 s
[1][2]
Min
Max
Unit
tp = 8/20 s
[1][2]
260 260 180 180 180 200 20 20 10 10 10 6 150 +150 +150
W W W W W W A A A A A A C C C
-65 -65
junction temperature ambient temperature storage temperature
Non-repetitive current pulse 8/20 s exponential decay waveform according to IEC 61000-4-5. Measured from pin 1 to 2.
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
3 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
ESD maximum ratings Parameter electrostatic discharge voltage PESD5Zx series IEC 61000-4-2 (contact discharge) machine model MIL-STD-883 (human body model)
[1][2]
Table 7. Symbol Per diode VESD
Conditions
Min
Max
Unit
-
30 400 10
kV V kV
[1] [2]
Device stressed with ten non-repetitive ESD pulses. Measured from pin 1 to 2.
Table 8. Standard Per diode
ESD standards compliance Conditions > 15 kV (air); > 8 kV (contact) > 4 kV
IEC 61000-4-2; level 4 (ESD) MIL-STD-883; class 3 (human body model)
001aaa631
120 IPP (%) 80 100 % IPP; 8 s
001aaa630
IPP 100 % 90 %
e-t 50 % IPP; 20 s
40
10 % tr = 0.7 ns to 1 ns 0 10 20 30 t (s) 40 30 ns 60 ns t
0
Fig 1. 8/20 s pulse waveform according to IEC 61000-4-5
Fig 2. ESD pulse waveform according to IEC 61000-4-2
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
4 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
6. Characteristics
Table 9. Characteristics Tamb = 25 C unless otherwise specified. Symbol Parameter Per diode VRWM reverse standoff voltage PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 IRM reverse leakage current PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 VBR breakdown voltage PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 Cd diode capacitance PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 VCL clamping voltage PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 IPP = 5 A
[1][2]
Conditions
Min
Typ
Max
Unit
VRWM = 2.5 V VRWM = 3.3 V VRWM = 5.0 V VRWM = 6.0 V VRWM = 7.0 V VRWM = 12.0 V IR = 1 mA 4 5 6.2 6.8 7.5 14.1 f = 1 MHz; VR = 0 V -
0.5 8 5 2 <1 <1 229 172 89 78 69 35 8 8 12 12 14 27
2.5 3.3 5.0 6.0 7.0 12.0 6 50 50 10 10 10 300 200 150 150 150 75 9 10 13 13 15 30
V V V V V V A nA nA nA nA nA V V V V V V pF pF pF pF pF pF V V V V V V
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
5 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
Table 9. Characteristics ...continued Tamb = 25 C unless otherwise specified. Symbol Parameter VCL clamping voltage PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 rdif differential resistance PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12
[1] [2]
Conditions
[1][2]
Min -
Typ -
Max 15 18 18 18 19 35 60 10 15 15 15 40
Unit V V V V V V
IPP = 20 A IPP = 20 A IPP = 10 A IPP = 10 A IPP = 10 A IPP = 6 A IR = 5 mA
Non-repetitive current pulse 8/20 s exponential decay waveform according to IEC 61000-4-5. Measured from pin 1 to 2.
104 PPP (W) 103
(1)
006aab056
1.2 PPP PPP(25C) 0.8
001aaa193
102
(2)
0.4 10
1 1 10
102
103 tp (s)
104
0 0 50 100 150 Tj (C) 200
Tamb = 25 C (1) PESD5Z2.5; PESD5Z3.3 (2) PESD5Z5.0; PESD5Z6.0; PESD5Z7.0; PESD5Z12
Fig 3. Peak pulse power as a function of exponential pulse duration; typical values
Fig 4. Relative variation of peak pulse power as a function of junction temperature; typical values
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
6 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
250 Cd (pF) 200
006aab057
100 Cd (pF) 80
006aab058
150
(1)
60
100
(2)
40
(1) (2)
50
(3)
20
(3)
0 0 1 2 3 4 VR (V) 5
0 0 4 8 VR (V) 12
f = 1 MHz; Tamb = 25 C (1) PESD5Z2.5 (2) PESD5Z3.3 (3) PESD5Z5.0
f = 1 MHz; Tamb = 25 C (1) PESD5Z6.0 (2) PESD5Z7.0 (3) PESD5Z12
Fig 5. Diode capacitance as a function of reverse voltage; typical values
Fig 6. Diode capacitance as a function of reverse voltage; typical values
I
10
006aab059
IR IR(25C) -VCL -VBR -VRWM 1 -IRM -IR - P-N V
+
10-1 -100
-50
0
50
100 Tj (C)
150
-IPP
006aaa407
PESD5Z2.5; VRWM = 2.5 V PESD5Z3.3; VRWM = 3.3 V IR is less than 50 nA at 150 C for: PESD5Z5.0; VRWM = 5.0 V PESD5Z6.0; VRWM = 6.0 V PESD5Z7.0; VRWM = 7.0 V PESD5Z12; VRWM = 12.0 V
Fig 7. Relative variation of reverse current as a function of junction temperature; typical values
Fig 8. V-I characteristics for a unidirectional ESD protection diode
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
7 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
ESD TESTER acc. to IEC 61000-4-2 CZ = 150 pF; RZ = 330
RZ 450
4 GHz DIGITAL OSCILLOSCOPE
RG 223/U 50 coax
10x ATTENUATOR
50
CZ
DUT (DEVICE UNDER TEST)
vertical scale = 10 A/div horizontal scale = 15 ns/div GND
vertical scale = 10 A/div horizontal scale = 15 ns/div
GND
unclamped +8 kV ESD pulse waveform (IEC 61000-4-2 network)
unclamped -8 kV ESD pulse waveform (IEC 61000-4-2 network)
vertical scale = 20 V/div horizontal scale = 100 ns/div
GND
GND
vertical scale = 20 V/div horizontal scale = 100 ns/div clamped +8 kV ESD pulse waveform (IEC 61000-4-2 network)
clamped -8 kV ESD pulse waveform (IEC 61000-4-2 network)
006aab060
Fig 9. ESD clamping test setup and waveforms for PESD5Z2.5
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
8 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
vertical scale = 20 V/div horizontal scale = 100 ns/div
vertical scale = 20 V/div horizontal scale = 100 ns/div
GND
GND
006aab061
006aab062
Fig 10. PESD5Z3.3: Clamped +8 kV ESD pulse waveform (IEC 61000-4-2 network)
Fig 11. PESD5Z3.3: Clamped -8 kV ESD pulse waveform (IEC 61000-4-2 network)
vertical scale = 20 V/div horizontal scale = 100 ns/div
vertical scale = 20 V/div horizontal scale = 100 ns/div
GND
GND
006aab063
006aab064
Fig 12. PESD5Z5.0: Clamped +8 kV ESD pulse waveform (IEC 61000-4-2 network)
Fig 13. PESD5Z5.0: Clamped -8 kV ESD pulse waveform (IEC 61000-4-2 network)
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
9 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
vertical scale = 20 V/div horizontal scale = 100 ns/div
vertical scale = 20 V/div horizontal scale = 100 ns/div
GND
GND
006aab065
006aab066
Fig 14. PESD5Z6.0: Clamped +8 kV ESD pulse waveform (IEC 61000-4-2 network)
Fig 15. PESD5Z6.0: Clamped -8 kV ESD pulse waveform (IEC 61000-4-2 network)
vertical scale = 20 V/div horizontal scale = 100 ns/div
vertical scale = 20 V/div horizontal scale = 100 ns/div
GND
GND
006aab067
006aab068
Fig 16. PESD5Z7.0: Clamped +8 kV ESD pulse waveform (IEC 61000-4-2 network)
Fig 17. PESD5Z7.0: Clamped -8 kV ESD pulse waveform (IEC 61000-4-2 network)
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
10 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
vertical scale = 20 V/div horizontal scale = 100 ns/div
vertical scale = 20 V/div horizontal scale = 100 ns/div
GND
GND
006aab069
006aab070
Fig 18. PESD5Z12: Clamped +8 kV ESD pulse waveform (IEC 61000-4-2 network)
Fig 19. PESD5Z12: Clamped -8 kV ESD pulse waveform (IEC 61000-4-2 network)
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
11 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
7. Application information
The PESD5Zx series is designed for the protection of one unidirectional data or signal line from the damage caused by ESD and surge pulses. The device may be used on lines where the signal polarities are either positive or negative with respect to ground. The PESD5Zx series provides a surge capability of 260 W per line for an 8/20 s waveform.
line to be protected (positive signal polarity)
line to be protected (negative signal polarity)
PESD5Zx
PESD5Zx
ground
ground
unidirectional protection of one line
006aab071
Fig 20. Application diagram
Circuit board layout and protection device placement Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT) and surge transients. The following guidelines are recommended: 1. Place the PESD5Zx as close to the input terminal or connector as possible. 2. The path length between the PESD5Zx and the protected line should be minimized. 3. Keep parallel signal paths to a minimum. 4. Avoid running protected conductors in parallel with unprotected conductors. 5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and ground loops. 6. Minimize the length of the transient return path to ground. 7. Avoid using shared transient return paths to a common ground point. 8. Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
12 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
8. Package outline
0.85 0.75 1 0.65 0.58
1.65 1.25 1.55 1.15
2 0.34 0.26 Dimensions in mm 0.17 0.11 02-12-13
Fig 21. Package outline SOD523 (SC-79)
9. Packing information
Table 10. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number PESD5Z2.5 PESD5Z3.3 PESD5Z5.0 PESD5Z6.0 PESD5Z7.0 PESD5Z12 Package SOD523 SOD523 SOD523 SOD523 SOD523 SOD523 Description 2 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel 2 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel 2 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel 2 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel 2 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel 2 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel
[1]
Packing quantity 3000 -115 -115 -115 -115 -115 -115 8000 -315 -315 -315 -315 -315 -315 10000 -135 -135 -135 -135 -135 -135
For further information and the availability of packing methods, see Section 13.
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
13 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
10. Soldering
2.15
1.20
0.50 0.60
solder lands solder paste solder resist occupied area
1.80 1.90 0.30 0.40
mgs343
Reflow soldering is the only recommended soldering method. Dimensions in mm
Fig 22. Reflow soldering footprint SOD523 (SC-79)
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
14 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
11. Revision history
Table 11. Revision history Release date 20080404 Data sheet status Product data sheet Product data sheet Change notice Supersedes PESD5ZX_SER_1 Document ID PESD5ZX_SER_2 Modifications: PESD5ZX_SER_1
*
Table 10: Type number updated to PESD5Z12
20070813
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
15 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
12. Legal information
12.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
12.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
12.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
12.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
13. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
PESD5ZX_SER_2
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 -- 4 April 2008
16 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
14. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 12.1 12.2 12.3 12.4 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Application information. . . . . . . . . . . . . . . . . . 12 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 13 Packing information. . . . . . . . . . . . . . . . . . . . . 13 Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 15 Legal information. . . . . . . . . . . . . . . . . . . . . . . 16 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 16 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Contact information. . . . . . . . . . . . . . . . . . . . . 16 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 4 April 2008 Document identifier: PESD5ZX_SER_2


▲Up To Search▲   

 
Price & Availability of PESD5Z50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X